Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1645 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN1645 Datasheet HTML 3Page - STMicroelectronics AN1645 Datasheet HTML 4Page - STMicroelectronics AN1645 Datasheet HTML 5Page - STMicroelectronics AN1645 Datasheet HTML 6Page - STMicroelectronics AN1645 Datasheet HTML 7Page - STMicroelectronics AN1645 Datasheet HTML 8Page - STMicroelectronics AN1645 Datasheet HTML 9Page - STMicroelectronics AN1645 Datasheet HTML 10Page - STMicroelectronics AN1645 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
7/22
Figure 8 shows the turn-off circuit when using a diode and pull-up resistor to synchronize the STSR2P,
the same configuration of Q1 and R2 can be used with a resistor divider circuit.
5.2 Discontinuous Conduction Mode
As shown in figure 4, in discontinuous mode operation there can be some problems in detecting the
primary switching transitions. The internal peak detector is only able to determine the peak value
reached by the signal at the Ck pin, neglecting all signals that have a lower value. A minimum voltage
difference V1=400mV between the switching transition waveform and the sinusoidal waveform must be
assured in order to allow the Peak Detector to work properly. If the ringing presents almost the same
value as the square waveform, it is possible to add a filter circuit to the CK pin in order to obtain a better
operation. This circuit is showed in figure 9. R1-R2 and C2 form a low pass filter, which allows a reduction
of the ringing amplitude. But R1-R2 and C2 also cause an undesired delay, so the R3 and C1 group
reduce this delay during fast switching transitions.
Figure 9: Filter to CK input
As mentioned in the previous paragraph, if the input voltage variability range is higher than 1:2, at high
voltage the signal at the CK pin will be clamped. In these conditions, both switching transition waveform
and the sinusoidal waveform are clamped and the peak detector is unable to operate correctly (see figure
10). In this case it is possible to use an external signal, which turns off completely the device in no load or
light load conditions (figure 8).
+5V
R1
R2
STSR2P
4
5
2
6
3
Ck
INHIBIT
Vcc
SGLGND
SETANT
FREE WHEEL
FORWARD
R3
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com