Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1645 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1645 Datasheet HTML 1Page - STMicroelectronics AN1645 Datasheet HTML 2Page - STMicroelectronics AN1645 Datasheet HTML 3Page - STMicroelectronics AN1645 Datasheet HTML 4Page - STMicroelectronics AN1645 Datasheet HTML 5Page - STMicroelectronics AN1645 Datasheet HTML 6Page - STMicroelectronics AN1645 Datasheet HTML 7Page - STMicroelectronics AN1645 Datasheet HTML 8Page - STMicroelectronics AN1645 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
5/22
Figure 5: CCM waveform and Ck circuit
In a typical Forward converter for telecom application, the DC input voltage has a 1:2 variability range
(typically 36V-72V). Consequently the secondary winding voltage has also 1:2 variability. The resistor
divider can be calculated in order to have about 2.8V at the Ck pin at 36V input; at 72V input, the Ck pin
reaches 5.6V. Even if this value is higher than the maximum voltage on the CK pin, it can be accepted
limiting the current flowing into the pin to 10mA.
Figure 6: Synchronization with a resistor divider
In case the Forward converter has a higher variability range 1:3 or 1:4, at minimum input voltage, 2.8V
must be guaranteed at the Ck pin. At maximum input voltage, the voltage at the Ck pin will be 7.5V or
10V. This voltage exceeds the absolute maximum ratings of the device. If R2 limits the current flowing
into the Ck pin to a value below the maximum Ck current value indicated in the datasheet (10mA), the
On Time
Off Time
Turn-Off
Spike
On Time
Off Time
Turn-Off
Spike
+5V
+5V
C1
R1
R2
D1
STSR2P
4
5
2
6
3
Ck
INHIBIT
Vcc
SGLGND
SETANT
FREE WHEEL
FORWARD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com