Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1645 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1645 Datasheet HTML 9Page - STMicroelectronics AN1645 Datasheet HTML 10Page - STMicroelectronics AN1645 Datasheet HTML 11Page - STMicroelectronics AN1645 Datasheet HTML 12Page - STMicroelectronics AN1645 Datasheet HTML 13Page - STMicroelectronics AN1645 Datasheet HTML 14Page - STMicroelectronics AN1645 Datasheet HTML 15Page - STMicroelectronics AN1645 Datasheet HTML 16Page - STMicroelectronics AN1645 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
13/22
Figure 17: Jitter
8. NO LOAD AND LIGHT LOAD OPERATION
When the duty-cycle is lower than 14%, an internal feature of the STSR2P allows a total shutdown of
OUTGate1 and OUTGate2 and of most internal parts of the device, causing a reduction in power
consumption. In these conditions the low output current of the converter is carried by the body diode of
the mosfets. The IC starts to operate again when the Duty-cycle is higher than 18%, therefore having a
4% of hysteresis. This feature allows correct operation when the primary PWM controller imposes burst
mode due to the very light output load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com