Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1645 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN1645 Datasheet HTML 5Page - STMicroelectronics AN1645 Datasheet HTML 6Page - STMicroelectronics AN1645 Datasheet HTML 7Page - STMicroelectronics AN1645 Datasheet HTML 8Page - STMicroelectronics AN1645 Datasheet HTML 9Page - STMicroelectronics AN1645 Datasheet HTML 10Page - STMicroelectronics AN1645 Datasheet HTML 11Page - STMicroelectronics AN1645 Datasheet HTML 12Page - STMicroelectronics AN1645 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
9/22
During transition in which the primary mosfet is turned off, the INHIBIT voltage must fall from high value
to -25mV in less than 250ns. The resistor value R26 must be chosen in order to fit this specification.
When the converter operates in parallel with other power supplies, the INHIBIT pin, detecting the voltage
across the freewheeling mosfet, also avoids the converter to sink current from the output.
Although the INHBIT pin allows operation in Discontinuous Mode, the -25mV threshold could be sensitive
to the ringing present at the SR Mosfet drain (see figure 13), causing incomplete turn on of OUTGate2.
This inconvenience can be avoided using the clock signal to provide a negative voltage to the INHIBIT
pin acting as a blanking time. This negative voltage can be easily generated with some discrete
components as shown in figure 12.
Figure 11: INHIBIT Voltage and Current
Figure 12: Circuit to provide negative voltage to INHIBIT
On Time
Off Time
Dead Time
Freewheeling
source-drain
voltage
-25mV
Inductor
Current
INHIBIT
Voltage
Freewheeling
Gate Voltage
Mosfet Drain
CK
INHIBIT
R24
D15
R25
R26
C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com