Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1645 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1645 Datasheet HTML 8Page - STMicroelectronics AN1645 Datasheet HTML 9Page - STMicroelectronics AN1645 Datasheet HTML 10Page - STMicroelectronics AN1645 Datasheet HTML 11Page - STMicroelectronics AN1645 Datasheet HTML 12Page - STMicroelectronics AN1645 Datasheet HTML 13Page - STMicroelectronics AN1645 Datasheet HTML 14Page - STMicroelectronics AN1645 Datasheet HTML 15Page - STMicroelectronics AN1645 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
12/22
Table 2: Anticipation values
The voltage on the SETANT2 pin can be obtained using a resistor divider of the supply voltage.
The Digital Control Block generates these anticipations by counting the number of high frequency pulses
included within the switching period and the On-time time interval. Due to the digital nature of this
system, some bits can be lost during the counting, causing a jitter in the output driving signals (Figure
17). Table 2 shows the average OUTGate1 and OUTGate2 anticipation times.
Figure 16: STSR2P Timing
Parameter
Value
Unit
tant1
Fixed internally
75
ns
0<SETANT2< Vcc
3
1
75
ns
Vcc
3
1
<SETANT2< Vcc
3
2
150
ns
tant2
Vcc
3
2
< SETANT2<Vcc
225
ns
È
È
È
(È
(È
(È
‡s
287*DWH
287*DWH
&N
‡…
‡…
‡s
‡h‡!
‡ƒ!
‡h‡
‡ƒ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com