Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1645 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1645 Datasheet HTML 1Page - STMicroelectronics AN1645 Datasheet HTML 2Page - STMicroelectronics AN1645 Datasheet HTML 3Page - STMicroelectronics AN1645 Datasheet HTML 4Page - STMicroelectronics AN1645 Datasheet HTML 5Page - STMicroelectronics AN1645 Datasheet HTML 6Page - STMicroelectronics AN1645 Datasheet HTML 7Page - STMicroelectronics AN1645 Datasheet HTML 8Page - STMicroelectronics AN1645 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
3/22
Figure 3: Block Schematic
4. SUPPLY VOLTAGE AND UNDER VOLTAGE LOCK-OUT
The supply input range is from 4V to 5.5V. An internal zener diode limits the maximum voltage to 5.7V.
A 100nF ceramic capacitor must be connected to Vcc and SGLGND pin in order to assure a stable
supply voltage. This capacitor must be placed very close to the device. Another 100nF capacitor is
necessary between Vcc and PWRGND.
Under Voltage Lock Out feature guarantees proper start-up while it avoids undesirable driving during
eventual dropping of the supply voltage.
As shown in the Block Diagram, the Vcc voltage also supplies the two output drivers, consequently the
maximum driving voltage is 5.5V, so the use of logic gate threshold mosfets is recommended.
5. SYNCHRONIZATION
An innovative feature of the STSR2P is the capability to operate in the secondary side without any
synchronization signal coming from the primary side. The IC synchronization is obtained directly from the
secondary side using the voltage across the free wheeling mosfet as the information for the switching
transitions. The Ck pin is the input for the synchronization signal; the internal threshold is set at 2.8V. As
can be seen in figure 3, a Peak Detector is present at the Ck pin. This block is able to distinguish
between the primary mosfet switching transitions and the eventual sinusoidal waveform caused by
discontinuous mode operation (see figure 4). A wrong synchronization causes wrong driving of the
synchronous rectifiers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com