Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1645 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1645 Datasheet HTML 1Page - STMicroelectronics AN1645 Datasheet HTML 2Page - STMicroelectronics AN1645 Datasheet HTML 3Page - STMicroelectronics AN1645 Datasheet HTML 4Page - STMicroelectronics AN1645 Datasheet HTML 5Page - STMicroelectronics AN1645 Datasheet HTML 6Page - STMicroelectronics AN1645 Datasheet HTML 7Page - STMicroelectronics AN1645 Datasheet HTML 8Page - STMicroelectronics AN1645 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
2/22
revelation mechanism makes circuit operation independent by the forward magnetic reset technique
used, avoiding most of the common problems inherent in self-driven synchronous rectifiers. The IC
operation prevents secondary side shoot-through conditions providing proper timing at the outputs turn-
off transition. This smart function operates through a fast cycle-after-cycle control logic mechanism
based on an internal high frequency oscillator, synchronized by the clock signal. The IC provides a fixed
anticipation in turning-off the OUTGate1 with respect to the clock signal transition, while the anticipation
in turning-off the OUTGate2 can be set through external components. A special Inhibit function allows
the shut-off of one of the two outputs allowing operation during discontinuous conduction mode and
preventing the freewheeling mosfet from sinking current from the output.
The STSR2P automatically turns off the outputs when duty-cycle is lower than 13%, while STSR2PM
works even at very low duty-cycle values.
.
3. PIN CONNECTIONS AND DESCRIPTIONS
The STSR2P is housed in a SO-8 package for SMD assembly. Device pin out is shown in figure 2 and
table 1 briefly summarizes the device pin functionality.
Figure 2: Pin Configuration
Table 1: Pin Configuration
Pin Number
Pin Name
Pin Function
1
OUTGate1
Output for Forward MOSFET Gate Drive
2
Vcc
Supply input from 4V to 5.5V
3
SETANT2
Sets the anticipation in turning-off the OUTGATE2
4
CK
Synchronization for IC’s operation
5
INHIBIT
Discontinuous Mode Detector
6
SGLGND
Reference for all the control logic signals
7
OUTGate2
Output for Freewheeling MOSFET Gate Drive
8
PWRGND
Reference for power signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com