Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1645 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1645 Datasheet HTML 13Page - STMicroelectronics AN1645 Datasheet HTML 14Page - STMicroelectronics AN1645 Datasheet HTML 15Page - STMicroelectronics AN1645 Datasheet HTML 16Page - STMicroelectronics AN1645 Datasheet HTML 17Page - STMicroelectronics AN1645 Datasheet HTML 18Page - STMicroelectronics AN1645 Datasheet HTML 19Page - STMicroelectronics AN1645 Datasheet HTML 20Page - STMicroelectronics AN1645 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
17/22
Figure 20: Demo board Schematic
Table 3: Board Components
PWRGND
FR DRAIN
FW DRAIN
+5V
+5V
Vin
+5V
OFF
R7
R6
C4
R2
U2
STSR2
4
5
2
6
3
Ck
INHIBIT
Vcc
SGLGND
SETANT
R1
C1
JP4
R3
R8
JP3
FR
Q4
FW
Q2
FW
Q3
FR
Q1
C6
D1
D3
JP5
JP6
CON1
CON2
CON3
FW
Q6
JP1
C3
CON5
C2
D4
78L05
3
1
VI
Vo
FR
Q5
D6
Q7
NPN smd
R12
COMP R4
COMP R5
COMP R11
COMP C7
COMP R9
COMP C8
COMP D5
COMP R10
COMP D2
JP2
COMP C5
P
Component
Note
Supply
C4, C6
Vcc bypass capacitors (typ: 100nF)
U1
Standard voltage regulator to provide 5V supply voltage (SOT89). Omit this
component and close jumper JP1 if +5V is available externally.
C2
78L05 input capacitor (typ: 330nF)
C3
78L05 output capacitor (typ: 100nF)
D6
Zener diode 5.6V
JP1
Close this jumper if a +5V is is available externally



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com