Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1645 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1645
Description  STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1645 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1645 Datasheet HTML 10Page - STMicroelectronics AN1645 Datasheet HTML 11Page - STMicroelectronics AN1645 Datasheet HTML 12Page - STMicroelectronics AN1645 Datasheet HTML 13Page - STMicroelectronics AN1645 Datasheet HTML 14Page - STMicroelectronics AN1645 Datasheet HTML 15Page - STMicroelectronics AN1645 Datasheet HTML 16Page - STMicroelectronics AN1645 Datasheet HTML 17Page - STMicroelectronics AN1645 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
AN1645 - APPLICATION NOTE
14/22
STSR2PM does not have this function and the two outputs follow the clock input even for very low duty-
cycle values.
9. OUTPUT DRIVERS
The two output drivers have a high current capability, being able to source up to 2A and to sink up to
3.5A peak current. Consequently, the two mosfet are switched very quickly, allowing paralleling of
several mosfets to reduce conduction losses. The high level driving voltage is equal to Vcc voltage;
therefore the device drives properly logic level mosfets.
Figure 18: Rds(on) -sink/source vs Temp
10. TRANSIENT BEHAVIOUR
During very heavy load changes, the duty cycle can vary very fast from a low value to a high value and
vice versa in a few switching periods.
The calculation to turn off OUTGate1 is based on On-time, so if the on time is changing very fast, the
anticipation time cannot be provided. In any case, STSR2P has a safety feature, which turns off
OUTGate1 when the CK input goes low. OUTgate1 will be turned off with a small delay with respect to
the Ck input- 30ns max (Figure 19 b).
If the anticipation time for OUTGate2 is based on the calculation of the switching period (frequency) and
not on duty cycle, even during fast duty cycle changes the anticipation time is provided correctly, always
providing correct driving for the Synchronous Mosfet (Figure 19 c).
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40
-20
0
20
40
60
80
100
T [°C]
Source
Sink
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-40
-20
0
20
40
60
80
100
T [°C]
Source
Sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com