Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2937 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 5Page - STMicroelectronics AN2937 Datasheet HTML 6Page - STMicroelectronics AN2937 Datasheet HTML 7Page - STMicroelectronics AN2937 Datasheet HTML 8Page - STMicroelectronics AN2937 Datasheet HTML 9Page - STMicroelectronics AN2937 Datasheet HTML 10Page - STMicroelectronics AN2937 Datasheet HTML 11Page - STMicroelectronics AN2937 Datasheet HTML 12Page - STMicroelectronics AN2937 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
AN2937
Component list
Doc ID 15418 Rev 1
9/41
4
Component list
Table 1.
Component list
Reference
Description
Value
C1
Ceramic capacitor 0603 6.3 V
100 nF
C2
Ceramic capacitor 0603 6.3 V
1 µF
C3
Ceramic capacitor 0603 6.3 V
NM
C4
Ceramic capacitor 0805 25 V
1 µF
C5
Ceramic capacitor 0805 6.3 V
4.7 µF
C6
Ceramic capacitor 0603 6.3 V
100 nF
C7
Ceramic capacitor 0603 6.3 V
1 µF
C8
Ceramic capacitor 0805 16 V
100 nF
C9
Ceramic capacitor 0805 16 V
100 nF
C10
Ceramic capacitor 0805 16 V
100 nF
C11
Ceramic capacitor 0805 16 V
100 nF
C12
Ceramic capacitor 0603 6.3 V
100 nF
C13
Ceramic capacitor 10 µF 1210 35 V
UMKK325BJ106KM
Taiyo Yuden
C14
Ceramic capacitor 10 µF 1210 35 V
UMKK325BJ106KM
Taiyo Yuden
C15
Ceramic capacitor 10 µF 1210 35 V
UMKK325BJ106KM
Taiyo Yuden
C16
Ceramic capacitor 10 µF 1210 35 V
UMKK325BJ106KM
Taiyo Yuden
C17
Ceramic capacitor 0603 6.3 V
100 nF
C18
POSCAP capacitor 6TPF220ML
C19
POSCAP capacitor 12 m
Ω
220 µF
C20
Ceramic capacitor 0805 50 V 1 nF
NM
C21
Ceramic capacitor 0603 6.3 V
100 nF
C22
POSCAP capacitor 6TPF220ML
C23
POSCAP capacitor 220 µF 12 m
Ω
NM
C24
Ceramic capacitor 0805 50 V 1 nF
NM
C25
Ceramic capacitor 0603 6.3 V 100 nF
100 nF
C26
Ceramic capacitor 10 µF 1210 35 V
NM
C27
Ceramic capacitor 0603 6.3 V 1 nF
NM
C28
Ceramic capacitor 0603 6.3 V 1 nF
NM
C29
Ceramic capacitor 10 µF 1210 35 V
NM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com