Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2937 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 10Page - STMicroelectronics AN2937 Datasheet HTML 11Page - STMicroelectronics AN2937 Datasheet HTML 12Page - STMicroelectronics AN2937 Datasheet HTML 13Page - STMicroelectronics AN2937 Datasheet HTML 14Page - STMicroelectronics AN2937 Datasheet HTML 15Page - STMicroelectronics AN2937 Datasheet HTML 16Page - STMicroelectronics AN2937 Datasheet HTML 17Page - STMicroelectronics AN2937 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
I/O interface
AN2937
14/41
Doc ID 15418 Rev 1
6
I/O interface
The demonstration board provides the following test points:
Table 2.
Demonstration board test points
Test point
Description
VIN+
Input voltage
VIN-
Input voltage ground
LDO
5 V linear regulator output
VCC
Input of the 5 V supply of the device
GND_VCC
Ground of the 5 V supply of the device
OUT1+
OUT1 switching section output
OUT1-
OUT1 switching section output ground
PGOOD1
OUT1 switching section Power Good
OUT2+
OUT2 switching section output
OUT2+
OUT2 switching section output ground
PGOOD2
OUT2 switching section Power Good
PGND
Junction pin between PGND and SGND planes
VREF3
3.3 V internal reference output
VREF2
2 V internal reference output
CP
Charge pump output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com