Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2937 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 28Page - STMicroelectronics AN2937 Datasheet HTML 29Page - STMicroelectronics AN2937 Datasheet HTML 30Page - STMicroelectronics AN2937 Datasheet HTML 31Page - STMicroelectronics AN2937 Datasheet HTML 32Page - STMicroelectronics AN2937 Datasheet HTML 33Page - STMicroelectronics AN2937 Datasheet HTML 34Page - STMicroelectronics AN2937 Datasheet HTML 35Page - STMicroelectronics AN2937 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
Representative waveforms
AN2937
32/41
Doc ID 15418 Rev 1
11.1.3
Fault management: overvoltage and undervoltage
The PM6686 provides fault protection for the switching section against undervoltage and
overvoltage.
Figure 21 shows the undervoltage fault management. If, during regulation, the output
voltage drops below 70% of the nominal value, an undervoltage latched fault is detected.
The controller performs a soft-end procedure. The undervoltage fault is reset by toggling the
EN pin or by cycling the VIN (this action performs triggers a power on reset [POR]).
Figure 21.
Undervoltage protection (UVP) management
The PM6686 provides latched overvoltage protection (OVP). If the output voltage rises
above the +111% (typ.) from the nominal value for section 1 and above the +116% typ. for
section 2, latched OVP protection is activated. The controller attempts to pull down the
output voltage to 0 V, working in PWM. The current is limited by the negative current limit.
The low-side MOSFET is kept on when the output voltage is about 0 V. This management
prevents high negative undervoltage of the output rail that may damage the load (
Figure 22).
If the EN signal is pulled low, the low-side MOSFET is still high, keeping the output to
ground, thus preventing any damage to the load if the cause of the overvoltage is still
present (
Figure 23).
The protection is latched and this fault is cleared by toggling the EN pin of the section, or
cycling the VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com