Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2937 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 14Page - STMicroelectronics AN2937 Datasheet HTML 15Page - STMicroelectronics AN2937 Datasheet HTML 16Page - STMicroelectronics AN2937 Datasheet HTML 17Page - STMicroelectronics AN2937 Datasheet HTML 18Page - STMicroelectronics AN2937 Datasheet HTML 19Page - STMicroelectronics AN2937 Datasheet HTML 20Page - STMicroelectronics AN2937 Datasheet HTML 21Page - STMicroelectronics AN2937 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Jumper settings
AN2937
18/41
Doc ID 15418 Rev 1
9.4
Switching sections - frequency selection (TON)
9.5
Linear regulator LDO enable (EN_LDO)
Table 6.
Jumper S4 TON (connect TON pin to S4)
Position
SMPS OUT1
SMPS OUT2
GND
400 kHz
500 kHz
VREF2
400 kHz
300 kHz
VCC
200 kHz
300 kHz
Table 7.
Jumper S5 EN_LDO (connect EN_LDO pin to S5)
Position
Linear regulator LDO enable
GND
The LDO is disabled.
VIN through
resistor divider
The LDO is enabled. EN_LDO is connected to VIN with a resistor divider. As soon as
the input voltage overlaps 5.76 V typ. The LDO regulates the LDO output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com