Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2937 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 15Page - STMicroelectronics AN2937 Datasheet HTML 16Page - STMicroelectronics AN2937 Datasheet HTML 17Page - STMicroelectronics AN2937 Datasheet HTML 18Page - STMicroelectronics AN2937 Datasheet HTML 19Page - STMicroelectronics AN2937 Datasheet HTML 20Page - STMicroelectronics AN2937 Datasheet HTML 21Page - STMicroelectronics AN2937 Datasheet HTML 22Page - STMicroelectronics AN2937 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AN2937
Jumper settings
Doc ID 15418 Rev 1
19/41
9.6
LDO regulation (LDOREFIN)
9.7
External bypass connections for the linear regulator (BYP)
Table 8.
Jumper S6 LDOREFIN (connect LDOREFIN pin to S6)
Position
LDO regulation
GND
The LDO regulates 5 V.
VREF2
The LDO regulates a voltage equal to two times the voltage at LDOREFIN input.
VCC
The LDO regulates 3.3 V.
Table 9.
Jumper S7 BYP (connect LDO_SW pin to S7)
Position
External bypass connections for the linear regulator
GND
The internal linear regulator LDO is always on. It can provide an output peak current
of 100 mA.
OUT1.
If LDO regulates 5 V and BYP goes higher than 4.74 V, an internal P-channel
MOSFET switch connects the BYP pin to the LDO pin, shutting down the LDO
internal linear regulator. It can provide an output peak current of 200 mA.
OUT2
If LDO regulates 3.3 V and BYP goes higher than 3.17 V, an internal P-channel
MOSFET switch connects the BYP pin to the LDO pin, shutting down the LDO
internal linear regulator. It can provide an output peak current of 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com