Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2937 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 31Page - STMicroelectronics AN2937 Datasheet HTML 32Page - STMicroelectronics AN2937 Datasheet HTML 33Page - STMicroelectronics AN2937 Datasheet HTML 34Page - STMicroelectronics AN2937 Datasheet HTML 35Page - STMicroelectronics AN2937 Datasheet HTML 36Page - STMicroelectronics AN2937 Datasheet HTML 37Page - STMicroelectronics AN2937 Datasheet HTML 38Page - STMicroelectronics AN2937 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
AN2937
Representative waveforms
Doc ID 15418 Rev 1
35/41
11.2.2
OUT1 and OUT2 switching frequency vs. load current
Figure 26 and 27 show the switching frequency versus load current in PWM mode, skip
mode, and NA skip mode. TON is connected to VCC.
Figure 26.
Switching frequency vs. load current; OUT1=5 V, TON=VCC
Figure 27.
Switching frequency vs. load current; OUT2=3.3 V, TON=VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com