Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2937 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 17Page - STMicroelectronics AN2937 Datasheet HTML 18Page - STMicroelectronics AN2937 Datasheet HTML 19Page - STMicroelectronics AN2937 Datasheet HTML 20Page - STMicroelectronics AN2937 Datasheet HTML 21Page - STMicroelectronics AN2937 Datasheet HTML 22Page - STMicroelectronics AN2937 Datasheet HTML 23Page - STMicroelectronics AN2937 Datasheet HTML 24Page - STMicroelectronics AN2937 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
AN2937
Jumper settings
Doc ID 15418 Rev 1
21/41
9.10
OUT2 switching section regulation (REFIN2)
9.11
Current limit of OUT2 switching section (ILIM2)
Table 12.
Jumper S10 REFIN2 (connect REFIN2 pin to S10)
Position
OUT2 regulation
GND
OUT2 regulates 1.05 V.
Reference EXT
REFIN2
OUT2 regulates the reference voltage at the EXT_REFIN2 pin.
VCC
OUT2 regulates 3.3 V.
Table 13.
Jumper S11 ILIM2 (connect ILIM2 pin to S11)
Position
OUT2 regulation
External
resistor
The threshold voltage of ILIM2 is compared with 1/10th of the GND-PHASE2 drop
during the off time to determine a valley current limit.
VREF2
The internal threshold voltage of the current limit comparator is set to 200 mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com