Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2937 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2937 Datasheet HTML 1Page - STMicroelectronics AN2937 Datasheet HTML 2Page - STMicroelectronics AN2937 Datasheet HTML 3Page - STMicroelectronics AN2937 Datasheet HTML 4Page - STMicroelectronics AN2937 Datasheet HTML 5Page - STMicroelectronics AN2937 Datasheet HTML 6Page - STMicroelectronics AN2937 Datasheet HTML 7Page - STMicroelectronics AN2937 Datasheet HTML 8Page - STMicroelectronics AN2937 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
AN2937
List of figures
Doc ID 15418 Rev 1
5/41
List of figures
Figure 1.
PM6686 demonstration kit for system supply . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
Figure 2.
PM6686 demonstration kit schematic diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 3.
PM6686 demonstration board layout - top layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 4.
PM6686 demonstration board layout - inner layer 1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 5.
PM6686 demonstration board layout - inner layer 2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 6.
PM6686 demonstration board layout - bottom layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 7.
Test setup connections . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 8.
SMPS pulse skip mode, no load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 9.
SMPS no-audible skip mode, no load. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 10.
SMPS PWM mode, no load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 11.
Section 1 soft-start waveforms; 5 A constant current load applied . . . . . . . . . . . . . . . . . . . 27
Figure 12.
Section 2 soft-start waveforms; 5 A constant current load applied . . . . . . . . . . . . . . . . . . . 28
Figure 13.
OUT1 soft-end, no load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Figure 14.
OUT2 soft-end, no load . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 15.
Tracking soft-start EN2 connected to VREF2, no loads applied. . . . . . . . . . . . . . . . . . . . . 29
Figure 16.
Tracking soft-end EN2 connected to VREF2, no loads applied . . . . . . . . . . . . . . . . . . . . . 30
Figure 17.
OUT1 = 5 V PWM load transient 2 A/µs 0-5 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 18.
OUT2 = 5 V skip load transient 2 A/µs 0-5 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 19.
OUT2 = 3.3 V PWM load transient 2 A/µs 0-5 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 20.
OUT2 = 3.3 V skip load transient 2 A/µs 0 - 5 A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 21.
Undervoltage protection (UVP) management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Figure 22.
Overvoltage protection management . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 23.
Overvoltage protection management: EN pulled low . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Figure 24.
Efficiency vs. load current; OUT1=5 V, TON=VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 25.
Efficiency vs. load current; OUT2=3.3 V, TON=VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 26.
Switching frequency vs. load current; OUT1=5 V, TON=VCC . . . . . . . . . . . . . . . . . . . . . . 35
Figure 27.
Switching frequency vs. load current; OUT2=3.3 V, TON=VCC. . . . . . . . . . . . . . . . . . . . . 35
Figure 28.
Output voltage vs. load current; OUT1=5 V, TON=VCC . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 29.
Output voltage vs. load current; OUT2=3.3 V, TON=VCC . . . . . . . . . . . . . . . . . . . . . . . . . 36
Figure 30.
Input current vs input voltage, PWM mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 31.
Input current vs. input voltage, NA skip mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 32.
Input current vs. input voltage, skip mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 33.
Input current consumption vs. input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 34.
Input current consumption vs. input voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com