Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2937 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2937
Description  Power system demonstration kit based on the PM6686 dual
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2937 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2937 Datasheet HTML 18Page - STMicroelectronics AN2937 Datasheet HTML 19Page - STMicroelectronics AN2937 Datasheet HTML 20Page - STMicroelectronics AN2937 Datasheet HTML 21Page - STMicroelectronics AN2937 Datasheet HTML 22Page - STMicroelectronics AN2937 Datasheet HTML 23Page - STMicroelectronics AN2937 Datasheet HTML 24Page - STMicroelectronics AN2937 Datasheet HTML 25Page - STMicroelectronics AN2937 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Jumper settings
AN2937
22/41
Doc ID 15418 Rev 1
9.12
Connection of LDO output (5 V) to the PVCC pin
(LDO5V_BYP)
9.13
Regulation of the charge pump CP (CP SEL)
9.14
Output 1, virtual ESR connection
Table 14.
Jumper S12 LDO5V BYP (connect PVCC pin to S12)
Position
Connection of LDO output (5 V) to PVCC pin
Shorted
If LDOREFIN = GND, LDO regulates 5 V. In this case the PVCC and VCC pin of the
device can be supplied with the LDO by setting the jumper in this position.
Open
PVCC and VCC need to be supplied with an external 5 V source. The LDO is
disconnected from the PVCC pin.
Table 15.
Jumper S13 CP SEL (connect CP_FB pin to S13)
Position
Regulation of the charge pump CP
VCC
or left floating
The charge pump controller is disabled.
External divider
The charge pump regulates the voltage set with the external divider.
Table 16.
Jumper S14 VESR1
Position
Virtual ESR enable circuit for section 1
Left floating
Virtual ESR circuit is disabled.
VESR1
Virtual ESR circuit is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com