Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2989 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2989
Description  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 5Page - STMicroelectronics AN2989 Datasheet HTML 6Page - STMicroelectronics AN2989 Datasheet HTML 7Page - STMicroelectronics AN2989 Datasheet HTML 8Page - STMicroelectronics AN2989 Datasheet HTML 9Page - STMicroelectronics AN2989 Datasheet HTML 10Page - STMicroelectronics AN2989 Datasheet HTML 11Page - STMicroelectronics AN2989 Datasheet HTML 12Page - STMicroelectronics AN2989 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AN2989
Startup sequence
Doc ID 15761 Rev 1
9/28
Note:
The precision of the output data rate is related to the internal oscillator; an error of +/- 10%
should be taken in account.
A typical reading period is defined which is 616 µs shorter than the output data rate period,
in order to prevent the loss of any data produced. During this time period the reading of the
data must be performed and the DataReady signal can be used as a trigger to begin the
reading sequence. At the end of the complete sequence, the DataReady signal goes down
and the rising edge that follows signals that new data are available. If this minimum reading
frequency is not observed, some data loss is possible and the DataReady signal no longer
signifies a trigger signal. The status register can be used to infer whether an overrun has
occurred.
Figure 1.
Reading timing
2.3
DataReady vs. interrupt signal
The device is equipped with two pins that can be activated to generate either the DataReady
or the interrupt signal. The functionality of the pins is selected acting on bit I1(2)_CFGx bits
of the CTRL_REG3 register, according to Table 4 and with the block diagram given in Figure
2.
Table 2.
Output data rate
DR1, DR0
Output data rate
Analog filter
cut-off frequency. (-3 dB)
00
50 Hz
37 Hz
01
100 Hz
74 Hz
10
400 Hz
292 Hz
Table 3.
Timing value to avoid losing data
Time
Description
Min
T0
Data rate
1/ODR
T1
Reading period
T0-T2
T2
New data generation (typ)
616 µs
Table 4.
Data signal on INT 1 and INT 2 pads
I1(2)_CFG1
I1(2)_CFG0
INT 1(2) pin
0
0
Interrupt 1 (2) source
0
1
Interrupt 1 source OR Interrupt 2 source
1
0
DataReady
1
1
Boot running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com