Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2989 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2989
Description  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 18Page - STMicroelectronics AN2989 Datasheet HTML 19Page - STMicroelectronics AN2989 Datasheet HTML 20Page - STMicroelectronics AN2989 Datasheet HTML 21Page - STMicroelectronics AN2989 Datasheet HTML 22Page - STMicroelectronics AN2989 Datasheet HTML 23Page - STMicroelectronics AN2989 Datasheet HTML 24Page - STMicroelectronics AN2989 Datasheet HTML 25Page - STMicroelectronics AN2989 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Interrupt generation
AN2989
22/28
Doc ID 15761 Rev 1
5.4
Inertial wakeup
The wakeup interrupt refers to a specific configuration of the INTx_CTRL registers that allow
the interrupt generation when the acceleration on the configured axis exceeds a defined
threshold (Figure 10).
Figure 10.
Inertial wakeup interrupt
5.4.1
HP filter bypassed
This paragraph provides a basic algorithm which shows the practical use of the inertial
wakeup feature. In particular, with the code below, the device is configured to recognize
when the absolute acceleration along either X or Y axis exceeds a preset threshold (250 mg
used in the example). The event which triggers the interrupt is latched inside the device and
its occurrence is signaled through the use of the INT1 pin.
1
write 2Fh into CTRL_REG1
// Turn-on the sensor and enable X, Y and Z
// ODR = 100 Hz
2
write 00h into CTRL_REG2
// High-pass filter disabled
3
write 00h into CTRL_REG3
// Latched interrupt active high on INT1 pad
4
write 00h into CTRL_REG4
// FS = 2g
5
write 00h into CTRL_REG5
// Sleep to wake disabled
6
write10h into INT1_THS
// Threshold = 250 mg
7
write 00h into INT1_DURATION
// Duration = 0
8
write 0Ah into INT1_CFG
// Enable XH and YH interrupt generation
9
poll INT1 pad; if INT1=0 then goto 8
// Poll RDY/INT pin waiting for the
// wakeup event
10
read INT1_SRC
// Return the event that has triggered the
// interrupt
11
(Wakeup event has occurred; insert your
code here)
// Event handling
12
goto 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com