Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2989 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2989
Description  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 15Page - STMicroelectronics AN2989 Datasheet HTML 16Page - STMicroelectronics AN2989 Datasheet HTML 17Page - STMicroelectronics AN2989 Datasheet HTML 18Page - STMicroelectronics AN2989 Datasheet HTML 19Page - STMicroelectronics AN2989 Datasheet HTML 20Page - STMicroelectronics AN2989 Datasheet HTML 21Page - STMicroelectronics AN2989 Datasheet HTML 22Page - STMicroelectronics AN2989 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AN2989
Interrupt generation
Doc ID 15761 Rev 1
19/28
5
Interrupt generation
The LIS331DLM can provide two interrupt signals and offers several possibilities to
personalize these signals. The registers involved in the interrupt generation behavior are
CTRL_REG3, INT1_CFG, INT2_CFG, INT1_THS, INT2_THS, INT1_DURATION,
INT2_DURATION.
The LIS331DLM interrupt signal can behave as free-fall, wakeup or 6D orientation detection.
Whenever an interrupt condition is verified, the interrupt signal is generated and by reading
the INT1_SRC and INT2_SRC registers it is possible to detect which condition has
occurred.
5.1
Duration
The content of the duration registers set the minimum duration of the Interrupt event to be
recognized. Duration steps and maximum values depend on the ODR chosen.
When in Normal mode, duration time is measured in N/ODR, where N is the content of the
duration register and ODR is 50, 100, 400 Hz.
When in low-power mode, duration time is measured in N/ODRLP, where N is the content of
the duration register and ODRLP is 0.5, 1, 2, 5, 10 Hz.
Table 15.
Interrupt mode configuration
AOI
6D
Interrupt mode
0
0
OR combination of interrupt events
0
1
6 direction movement recognition
1
0
AND combination of interrupt events
1
1
6 direction position recognition
Table 16.
Duration of LSB value in normal mode
ODR (Hz)
Duration of LSB value (ms)
50
20
100
10
400
2.5
Table 17.
Duration of LSB value in low-power mode
ODR (Hz)
Duration of LSB value (s)
0.5
2
11
20.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com