Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2989 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2989
Description  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 9Page - STMicroelectronics AN2989 Datasheet HTML 10Page - STMicroelectronics AN2989 Datasheet HTML 11Page - STMicroelectronics AN2989 Datasheet HTML 12Page - STMicroelectronics AN2989 Datasheet HTML 13Page - STMicroelectronics AN2989 Datasheet HTML 14Page - STMicroelectronics AN2989 Datasheet HTML 15Page - STMicroelectronics AN2989 Datasheet HTML 16Page - STMicroelectronics AN2989 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AN2989
Operating modes
Doc ID 15761 Rev 1
13/28
Table 9 and Table 10 show the typical power consumption values for the different operating
modes.
Note:
Higher data rates correspond to lower device resolution.
3.1
Normal mode
In Normal mode data are generated at the data rate (ODR) selected through the DR bits and
for the axis enabled through the Zen, Yen and Xen bits of CTRL_REG1. Data generated for
a disabled axis is 00h.
Data interrupt generation is active and configured through INT1_CFG and INT2_CFG
registers.
3.2
Power-down mode
When the device is in power-down mode, almost all internal blocks of the device are
switched off to minimize power consumption. Digital interfaces (I2C and SPI) are still active
to allow communication with the device. Configuration register content is preserved and
output data registers are not updated, thus keeping in memory the last data sampled before
going to power-down mode.
Typical turn-on time to go back to Normal mode is 1 ms + 1/ODR.
Table 9.
Power consumption - normal mode (µA)
ODR
50 Hz
100 Hz
400 Hz
Power consumption
250
255
290
Table 10.
Power consumption (µA)
ODR\ODRLP
0.5 Hz
1 Hz
2 Hz
5 Hz
10 Hz
50 Hz
10
20
30
60
99
100 Hz
10
15
20
40
80
400 Hz
10
15
20
40
80
Table 11.
Turn-on time
Data rate generation (Hz)
Turn-on time - typical (ms)
50
21
100
11
400
3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com