Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2989 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2989
Description  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 10Page - STMicroelectronics AN2989 Datasheet HTML 11Page - STMicroelectronics AN2989 Datasheet HTML 12Page - STMicroelectronics AN2989 Datasheet HTML 13Page - STMicroelectronics AN2989 Datasheet HTML 14Page - STMicroelectronics AN2989 Datasheet HTML 15Page - STMicroelectronics AN2989 Datasheet HTML 16Page - STMicroelectronics AN2989 Datasheet HTML 17Page - STMicroelectronics AN2989 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Operating modes
AN2989
14/28
Doc ID 15761 Rev 1
3.3
Low-power mode
When the device is in low-power mode data are produced at the ODRLP selected by the PM
bits of CTRL_REG1.
Turn-on time follows the same rules as for power-down mode (Table 11).
3.4
Sleep to wake
The sleep to wake function, in conjunction with low-power mode, allows further reduction of
system power consumption and development of new smart applications.
The LIS331DLM may be set to a low-power operating mode, characterized by lower date
rate refreshments. In this way the device, even if sleeping, continues sensing acceleration
and generating interrupt requests.
When the sleep to wake function is activated, the LIS331DLM is able to automatically wake
up as soon as the interrupt event has been detected, increasing the output data rate and
bandwidth. With this feature the system may be efficiently switched from low-power mode to
full-performance depending on user-selectable positioning and acceleration events, thus
ensuring power saving and flexibility.
The sleep to wake function is activated through the TurnOnx bits of CTRL_REG5 (Table 8).
When the device is in sleep to wake mode, it automatically samples the acceleration data at
ODRLP to verify if interrupt conditions are reached. When an interrupt event occurs, the
device goes back to generating data at ODR (Figure 4). If interrupt conditions are not
reached, the device remains in low-power mode at ODRLP.
The device is ready to immediately generate valid samples as soon as it exits from sleep to
wake mode.
Note:
At an interrupt event, the contents of CTR_REG5 changes to 0x01 while the content of
CTRL_REG1 is left untouched: PMx bits are ignored. To return to normal mode or low-
power-mode, the TurnOnx bits of CTRL_REG5 must be set to zero.
Figure 4.
Sleep to wake mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com