Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2989 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2989
Description  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 16Page - STMicroelectronics AN2989 Datasheet HTML 17Page - STMicroelectronics AN2989 Datasheet HTML 18Page - STMicroelectronics AN2989 Datasheet HTML 19Page - STMicroelectronics AN2989 Datasheet HTML 20Page - STMicroelectronics AN2989 Datasheet HTML 21Page - STMicroelectronics AN2989 Datasheet HTML 22Page - STMicroelectronics AN2989 Datasheet HTML 23Page - STMicroelectronics AN2989 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Interrupt generation
AN2989
20/28
Doc ID 15761 Rev 1
5.2
Threshold
Threshold registers define the reference accelerations used by the interrupt generation
circuitry. The value of 1LSB of these 7-bit registers depends on the selected full scale
(Table 18).
5.3
Free-fall and wakeup interrupts
The LIS331DLM interrupt signals can behave as free-fall, wakeup or 6D orientation
detection. When an interrupt condition is verified, the interrupt signal is generated and by
reading the INT1_SRC and INT2_SRC registers it is possible to determine which condition
has occurred.
The Free-Fall signal (FF) and wakeup signal (WU) interrupt generation block is represented
in Figure 8.
FF or WU interrupt generation is selected through the AOI bit in INTx_CFG register. If the
AOI bit is ‘0’, signals coming from comparators are put in logical “OR”. Depending on the
values written in the INT1_CFG register, every time the value of at least one of the enabled
axes exceeds the threshold written in module in INTx_THS registers, a WU interrupt is
generated. Otherwise, if the AOI bit is ‘1’, signals coming from the comparators go into a
“NAND” port. In this case, an interrupt signal is generated only if all the enabled axes
exceed the threshold written in the INTx_THS register.
The LIRx bits of the CTRL_REG3 can be used to determine whether or not the interrupt
request must be latched. If the LIRx bit is ‘0’ (default value), the interrupt signal goes high
when the interrupt condition is satisfied and immediately returns low if the interrupt condition
is no longer verified. Otherwise, if the LIRx bit is ‘1’, when an interrupt condition is applied,
the interrupt signal remains high even if the condition returns to a non-interrupt status, until
a reading of the INTx_SRC register is performed.
The ZHIE, ZLIE, YHIE, YLIE, XHIE and HLIE bits of the INTx_CFG register select on which
axis the interrupt decision must be performed, and in which direction the threshold must be
exceeded to generate the interrupt request.
50.2
10
0.1
Table 17.
Duration of LSB value in low-power mode (continued)
ODR (Hz)
Duration of LSB value (s)
Table 18.
Threshold LSB value
Full scale
Threshold LSB value (mg)
2~16
4~31
8~63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com