Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2989 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2989
Description  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 8Page - STMicroelectronics AN2989 Datasheet HTML 9Page - STMicroelectronics AN2989 Datasheet HTML 10Page - STMicroelectronics AN2989 Datasheet HTML 11Page - STMicroelectronics AN2989 Datasheet HTML 12Page - STMicroelectronics AN2989 Datasheet HTML 13Page - STMicroelectronics AN2989 Datasheet HTML 14Page - STMicroelectronics AN2989 Datasheet HTML 15Page - STMicroelectronics AN2989 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Operating modes
AN2989
12/28
Doc ID 15761 Rev 1
3
Operating modes
The LIS331DLH can operate in the following four modes, which can be selected through the
configuration of CTR_REG1 and CTRL_REG5:
–
Normal mode
–
Power-down
–
Low-power
–
Sleep to wake
With reference to the datasheet of the device, the power-mode (PM) and data rate (DR) bits
of CTRL_REG1 are used to select the basic operating modes (power-down, normal mode
and low-power), while the TurnOn bits of CTRL_REG5 are used to enable the advanced
mode (sleep to wake) which also involves the interrupt configuration.
Note:
The PMx bits are disabled if the Turnonx bits of CTRL_REG5 are not configured as zeros.
Table 6.
Power mode and low-power output data rate configurations
PM2
PM1
PM0
Power mode selection
Output data rate [Hz]
ODRLP
000
Power-down
--
0
0
1
Normal mode
ODR
010
Low-power
0.5
011
Low-power
1
100
Low-power
2
101
Low-power
5
110
Low-power
10
Table 7.
CTRL_REG1 - data rate
DR!
DR0
Data rate generation [Hz]
ODR
00
50
01
100
10
400
Table 8.
CTRL_REG5 - sleep to wake configuration
TurnOn1
TurnOn0
Sleep to wake status
0
0
Sleep to wake function disabled
0
1
An interrupt event is occurred and system is generating data at ODR
1
0
Not allowed
1
1
Sleep to wake function enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com