Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2989 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2989
Description  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 7Page - STMicroelectronics AN2989 Datasheet HTML 8Page - STMicroelectronics AN2989 Datasheet HTML 9Page - STMicroelectronics AN2989 Datasheet HTML 10Page - STMicroelectronics AN2989 Datasheet HTML 11Page - STMicroelectronics AN2989 Datasheet HTML 12Page - STMicroelectronics AN2989 Datasheet HTML 13Page - STMicroelectronics AN2989 Datasheet HTML 14Page - STMicroelectronics AN2989 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AN2989
Startup sequence
Doc ID 15761 Rev 1
11/28
Table 5.
Output data register content vs. acceleration (FS = 2 g)
Acceleration
values
Register address
29h
0 g
00h
350 mg
15h
1 g
40h
-350 mg
EAh
-1g
C0h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com