Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2989 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2989
Description  high performance ultra low-power 3-axis accelerometer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2989 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2989 Datasheet HTML 12Page - STMicroelectronics AN2989 Datasheet HTML 13Page - STMicroelectronics AN2989 Datasheet HTML 14Page - STMicroelectronics AN2989 Datasheet HTML 15Page - STMicroelectronics AN2989 Datasheet HTML 16Page - STMicroelectronics AN2989 Datasheet HTML 17Page - STMicroelectronics AN2989 Datasheet HTML 18Page - STMicroelectronics AN2989 Datasheet HTML 19Page - STMicroelectronics AN2989 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
High-pass filter
AN2989
16/28
Doc ID 15761 Rev 1
4
High-pass filter
The LIS331DLM provides embedded high-pass filtering capability to easily delete the DC
component of the measured acceleration. As shown in Figure 5, it is possible to
independently apply the filter on the output data and/or on the interrupts data through the
FDS, HPen1 and HPen2 bits of the CTRL_REG2 register configuration. This means that it is
possible, for example, to obtain filtered data while interrupt generation works on unfiltered
data.
Figure 5.
High-pass filter connections block diagram
4.1
Filter configuration
As shown in Table 12, two operating modes are possible for the high-pass filter:
:
The bandwidth of the high-pass filter depends on the selected ODR and on the settings of
HPCFx bits of CTRL_REG2. The high-pass filter cut-off frequencies (ft) are shown in
Table 13.
Table 12.
High-pass filter mode configuration
HPM1
HPM0
0
0
Normal mode (reset reading HP_RESET_FILTER)
0
1
Reference mode
1
0
Same as configuration 00h
1
1
Not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com