Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4243 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 5Page - STMicroelectronics AN4243 Datasheet HTML 6Page - STMicroelectronics AN4243 Datasheet HTML 7Page - STMicroelectronics AN4243 Datasheet HTML 8Page - STMicroelectronics AN4243 Datasheet HTML 9Page - STMicroelectronics AN4243 Datasheet HTML 10Page - STMicroelectronics AN4243 Datasheet HTML 11Page - STMicroelectronics AN4243 Datasheet HTML 12Page - STMicroelectronics AN4243 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AN4243
Designing an application with the L6230
Doc ID 024199 Rev 1
9/29
avoided. Should a layer change be necessary, multiple and large via holes have to be used.
A wide GND copper area can be used to improve power dissipation for the device.
Figure 6 shows two typical situations that must be avoided. An important consideration
about the location of the bulk capacitor is the ability to absorb the inductive energy from the
load, without allowing the supply voltage to exceed the maximum rating. The diode shown in
Figure 6 prevents the recirculation current from reaching the capacitors and results in a high
voltage on the IC pins that can damage the device.
Having a switch or a power connection that can disconnect the capacitors from the IC, while
there is still current in the motor, also results in a high-voltage transient since there is no
capacitance to absorb the recirculation current.
Figure 6.
Layout suggestions
2.5
Sensing resistor
Each motor winding current flows through the sensing resistors, causing a voltage drop that
is used to control the peak value of the load current. Two issues must be taken into account
when choosing the RSENSE value.
The sensing resistor dissipates energy and provides dangerous negative voltages on the
SENSE pins during the current recirculation. For this reason, the resistance of this
component should be kept low.
The voltage drop across RSENSE can be compared to a reference voltage. The lower is the
RSENSE value, the higher is the peak current error due to noise input and to the input offset
of the current sense comparator: too small values of RSENSE must be avoided.
A good compromise is to calculate the sensing resistor value so that the voltage drop,
corresponding to the peak current in the load (Ipeak), is about 0.5 V:
Equation 8
GND
GND
GND
GND
SENSE
SENSE
VSA
VSB
R5
C1
C8
C2
L6230
DO NOT connect the logic GND here
Voltage drop due to current in sense path
can disturb logic GND
DO NOT put a diode here!
Recirculating current cannot flow into the
bulk capacitor and causes a high voltage
spike that can damage the IC
SENSE3
AM16568v1
R
SENSE
0.5V
I
peak
-------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com