Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4243 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 8Page - STMicroelectronics AN4243 Datasheet HTML 9Page - STMicroelectronics AN4243 Datasheet HTML 10Page - STMicroelectronics AN4243 Datasheet HTML 11Page - STMicroelectronics AN4243 Datasheet HTML 12Page - STMicroelectronics AN4243 Datasheet HTML 13Page - STMicroelectronics AN4243 Datasheet HTML 14Page - STMicroelectronics AN4243 Datasheet HTML 15Page - STMicroelectronics AN4243 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Designing an application with the L6230
AN4243
12/29
Doc ID 024199 Rev 1
2.7
Sharing the charge pump circuitry
If more than one device is used in the application, it is possible to use the charge pump from
one L6230 to supply the VBOOT pins of several ICs. The unused CP pins on the slave
devices are left unconnected, as shown in Figure 8. A 100 nF capacitor (Cboot2) should be
connected to the VBOOT pin of each device. Supply voltage pins (VS) of the devices sharing
charge pump must be connected together.
The higher the number of devices sharing the same charge pump, the lower the differential
voltage available for gate drive (VBOOT - VS), causing a higher RDS(on) for the high-side
DMOS, so higher dissipating power.
A better performance can also be obtained using a 33 nF capacitor for Cfly and using
Schottky diodes (for example BAT47 are recommended).
Sharing the same charge pump circuitry for more than 3 or 4 devices is not recommended,
since it reduces the VBOOT voltage increasing the high-side MOS on-resistance and thus
power dissipation.
Figure 8.
Sharing the charge pump circuitry
2.8
How to generate a reference voltage for the current control
The device has an analog input (CP-) connected to the internal comparator, that can be
used to control the peak value of the motor current through an external control loop.
A fixed reference voltage can be easily obtained with a resistive divider from an available
pull-up voltage rail (maybe the one supplying the microcontroller or the rest of the
application) and GND.
A very simple way to obtain a variable voltage without using a DAC is to low-pass filter a
PWM output of a µC (Figure 9).
L6230
VSA
VSB
VBOOT
CP
D1
D2
Cboot2
Cfly1
To High - Side
L6230
VSA
VSB
VBOOT
Cboot1
To High - Side
To other Devices
L6230
CP
AM16570v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com