Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4243 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 17Page - STMicroelectronics AN4243 Datasheet HTML 18Page - STMicroelectronics AN4243 Datasheet HTML 19Page - STMicroelectronics AN4243 Datasheet HTML 20Page - STMicroelectronics AN4243 Datasheet HTML 21Page - STMicroelectronics AN4243 Datasheet HTML 22Page - STMicroelectronics AN4243 Datasheet HTML 23Page - STMicroelectronics AN4243 Datasheet HTML 24Page - STMicroelectronics AN4243 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
AN4243
Application information
Doc ID 024199 Rev 1
21/29
3
Application information
Here below some general suggestions for applications based on the L6230 three-phase
BLDC motor driver.
A high quality ceramic capacitor (C2) in the range of 100 nF to 200 nF should be placed
between the power pins VSA and VSB and ground near the L6230 to improve the high
frequency filtering on the power supply and reduce high frequency transients generated by
the switching.
The capacitor (CEN) and resistor (REN) connected between the DIAG-EN input and ground
set the delay time and disable time when an overcurrent is detected (see Section 2.10).
The current sensing inputs (SENSEX) should be connected to the sensing resistors RSENSE
with a trace length as short as possible in the layout. The sense resistors should be non-
inductive resistors to minimize the dI/dt transients across the resistors.
To increase noise immunity, unused logic pins are connected either to 5 V (high logic level)
or GND (low logic level).
The power ground and signal ground have to be kept separated on PCB.
In Table 2, recommended values are reported for external components.
Table 2.
Component values for typical applications
Component
Value
Description
C1
100
µF
Bulk capacitor
C2
100 nF
Supply voltage ceramic capacitor (one for VS pins)
CBOOT
220 nF
Bootstrap capacitor connected between VBOOT and VS (charge
pump)
CEN
5.6 nF
Capacitor connected to DIAG-EN pin
CP
10 nF
Fly capacitor connected to CP pin (charge pump)
D1
1N4148
Charge pump diode
D2
1N4148
Charge pump diode
REN
100 k
Ω
Resistor connected to DIAG-EN pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com