Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4243 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 12Page - STMicroelectronics AN4243 Datasheet HTML 13Page - STMicroelectronics AN4243 Datasheet HTML 14Page - STMicroelectronics AN4243 Datasheet HTML 15Page - STMicroelectronics AN4243 Datasheet HTML 16Page - STMicroelectronics AN4243 Datasheet HTML 17Page - STMicroelectronics AN4243 Datasheet HTML 18Page - STMicroelectronics AN4243 Datasheet HTML 19Page - STMicroelectronics AN4243 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Designing an application with the L6230
AN4243
16/29
Doc ID 024199 Rev 1
Figure 13.
L6230 overcurrent detection simplified circuitry
This sensed current is compared to an internally-generated reference to detect an
overcurrent condition. An internal open-drain MOSFET turns on when the sum of the
currents in the bridge 1, the bridge 2 or the bridge 3 reaches the threshold (2.8 A typical
value); the open-drain is available at the DIAG-EN pin for diagnostic purposes and to ensure
an overcurrent protection, connecting an RC network (see Figure 13).
Figure 14 shows the device operating in overcurrent condition.
When an overcurrent is detected the internal open-drain MOSFET pulls the DIAG-EN pin to
GND, switching off all 6 power DMOS of the device and allowing the current to decay. Under
a persistent overcurrent condition, like a short to ground or a short between two output pins,
the external RC network on the EN pin (see Figure 13) reduces the RMS value of the output
current by imposing a fixed disable time after each overcurrent occurrence.
The values of REN and CEN are selected to ensure proper operation of the device under a
short-circuit condition. When the current flowing through the high-side DMOS reaches the
OCD threshold (2.8 A typ.), after an internal propagation delay (tOCD(ON)) the open-drain
starts discharging CEN. When the DIAG-EN pin voltage falls below the turn-off threshold
(VTH(OFF)) all the Power DMOS turn off after the internal propagation delay (tD(OFF)EN). The
current begins decaying as it circulates through the freewheeling diodes. Since the DMOS
are off, there is no current flowing through them and no current to sense so the OCD circuit,
after a short delay (tOCD(OFF)), switches the internal open-drain device off, and REN can
charge CEN. When the voltage at DIAG-EN pin reaches the turn-on threshold (VTH(ON)),
after the tD(ON)EN delay, the DMOS turn on and the current restarts.
Even if the maximum output current can be very high, the external RC network provides a
disable time (tDISABLE) to ensure a safe RMS value (see Figure 14).
+
OVER TEMPERATURE
IREF
I1+I2
/ n
I1 / n
HIGH SIDE DMOS
POWER SENSE
1 cell
POWER SENSE
1 cell
POWER SENSE
1 cell
POWER DMOS
n cells
POWER DMOS
n cells
POWER DMOS
n cells
OUT1
OUT2
VSA
OUT3
VSB
I1
I2
I3
I2/ n
OCD
COMPARATOR
TO GATE
LOGIC
INTERNAL
OPEN-DRAIN
RDS(ON)
40
Ω TYP.
CEN
REN
DIAG-EN
VDD
μC or LOGIC
I3/ n
+ I3
AM16575v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com