Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4243 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 15Page - STMicroelectronics AN4243 Datasheet HTML 16Page - STMicroelectronics AN4243 Datasheet HTML 17Page - STMicroelectronics AN4243 Datasheet HTML 18Page - STMicroelectronics AN4243 Datasheet HTML 19Page - STMicroelectronics AN4243 Datasheet HTML 20Page - STMicroelectronics AN4243 Datasheet HTML 21Page - STMicroelectronics AN4243 Datasheet HTML 22Page - STMicroelectronics AN4243 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
AN4243
Designing an application with the L6230
Doc ID 024199 Rev 1
19/29
PCB, the right package should be chosen considering the power dissipation. Heat sinking
can be achieved using copper on the PCB with proper area and thickness.
For instance, using a VFQFPN32L 5 x 5 package the typical Rth(JA) is about 42 °C/W when
mounted on a double-layer FR4 PCB with a dissipating copper area of 0.5 cm2 on the top
side plus 6 cm2 ground layer connected through 18 via holes (9 below the IC).
Otherwise, using a Power-SO package with copper slug soldered on a 1.5 mm copper
thickness FR4 board with 6 cm2 dissipating footprint (copper thickness of 35
μm), the Rth(jA)
is about 35 °C/W.
Using a multi-layer board with vias to a ground plane, the thermal impedance can be
reduced down to 15 °C/W.
2.12
Brake
In general, motor braking can be achieved making a short-circuit across the windings: the
BEMF forces a current, proportional to the braking torque that flows in the opposite direction
than in normal running mode. For high BEMF and inertia moment, the current may reach
very high values: a power resistor is often used to reduce the maximum braking current and
dissipate the motor energy.
In the L6230, brake function can be achieved to quickly stop the motor while it is running:
providing a high logic level to the three IN pins all the high-side DMOS switch on, making a
short-circuit across the motor windings.
A power resistor is not used: while the motor is braking, both thermal and overcurrent
protections still work, avoiding BEMF to cause a current exceeding the device's maximum
ratings. Using a RC network (see Section 2.10) a disable time between each overcurrent
event can be set, reducing the maximum RMS value of the current.
Figure 17 shows what happens if the current exceeds the OCD threshold while the motor is
braking: as soon as the current, in one of the three motor phases, reaches the OCD
threshold (2.8 A typ.), the open-drain MOSFET internally connected to the DIAG-EN pin
discharges the external capacitor; the DIAG-EN pin voltage falls to GND and all the bridges
of the device are disabled for a time that depends on the RC network values. During this
disable time, the current, forced by the BEMF decreases and so the braking torque; when
the current becomes zero (because the motor inductances have been fully discharged), if
the BEMF is less than the supply voltage there is no braking effect (since the freewheeling
diodes cannot be turned on) until the disable time expires and all the high-side power DMOS
turn on again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com