Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4243 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 21Page - STMicroelectronics AN4243 Datasheet HTML 22Page - STMicroelectronics AN4243 Datasheet HTML 23Page - STMicroelectronics AN4243 Datasheet HTML 24Page - STMicroelectronics AN4243 Datasheet HTML 25Page - STMicroelectronics AN4243 Datasheet HTML 26Page - STMicroelectronics AN4243 Datasheet HTML 27Page - STMicroelectronics AN4243 Datasheet HTML 28Page - STMicroelectronics AN4243 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
AN4243
Demonstration boards
Doc ID 024199 Rev 1
25/29
4
Demonstration boards
4.1
EVAL6230QR demonstration board
A demonstration board has been produced to help the evaluation of the device in
VFQFPN32L 5 x 5 mm package.
It implements a typical application which can be used as a reference design to drive three-
phase brushless DC motors with currents up to 1 A DC.
Thanks to the small footprint of the L6230Q the PCB is very compact (32 x 31 mm).
For more details on the EVAL6230QR, refer to the application note AN3244.
Figure 22.
Demonstration board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com