Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4243 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 9Page - STMicroelectronics AN4243 Datasheet HTML 10Page - STMicroelectronics AN4243 Datasheet HTML 11Page - STMicroelectronics AN4243 Datasheet HTML 12Page - STMicroelectronics AN4243 Datasheet HTML 13Page - STMicroelectronics AN4243 Datasheet HTML 14Page - STMicroelectronics AN4243 Datasheet HTML 15Page - STMicroelectronics AN4243 Datasheet HTML 16Page - STMicroelectronics AN4243 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN4243
Designing an application with the L6230
Doc ID 024199 Rev 1
13/29
Figure 9.
Obtaining a reference voltage through a PWM output of microcontroller
Assuming that this output swings from 0 to 5V, the resulting average voltage is:
Equation 10
where DµC is the duty cycle of the PWM output of the microcontroller.
Assuming that the microcontroller output impedance is lower than 1 k
Ω , with RCP1 = 5.6 kΩ,
RCP2 = 1.5 k, CCP = 100 nF and a PWM switching from 0 to 5 V at 100 kHz, the low-pass
filter time constant is about 0.12 ms and the remaining ripple on the VCP- voltage is about 20
mV. Higher values for RCP1, RCP2 and CCP reduce the ripple, but the reference voltage takes
more time to vary after changing the duty cycle of the microcontroller PWM. Besides, too
high values of RCP1 also increase the impedance of the CP- net at low frequencies, causing
a poor noise immunity.
As sensing resistor value is typically kept small, a small noise on CP- input pins might cause
a considerable error in the output current. It is then recommended to decouple this pin with a
ceramic capacitor of some tens of nF, placed very close to CP- and GND pins.
Note that CP- pin connected to GND cannot guarantee zero current due to voltage offset in
the internal comparator. The best way to cut down the IC power consumption and to clear
the load current is to pull down the DIAG/EN pin.
With very small reference voltage, PWM current control method can lose control of the
current due to the minimum allowed duration of on-time.
R 1
P
C
C -
P
C
CP-
GND
PWM Output
of a µC
RCP2
AM16571v1
V
CP-
5V
DμC RCP2
⋅⋅
R
CP1
R
CP2
+
-----------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com