Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4243 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 10Page - STMicroelectronics AN4243 Datasheet HTML 11Page - STMicroelectronics AN4243 Datasheet HTML 12Page - STMicroelectronics AN4243 Datasheet HTML 13Page - STMicroelectronics AN4243 Datasheet HTML 14Page - STMicroelectronics AN4243 Datasheet HTML 15Page - STMicroelectronics AN4243 Datasheet HTML 16Page - STMicroelectronics AN4243 Datasheet HTML 17Page - STMicroelectronics AN4243 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Designing an application with the L6230
AN4243
14/29
Doc ID 024199 Rev 1
2.9
Input logic pins
INx and ENx pins are TTL/CMOS and microcontroller compatible logic input pins. The
internal structure is shown in Figure 10 . Typical values for turn-on and turn-off thresholds
are VTH(ON) = 1.8 V and VTH(OFF) = 1.3 V.
Pins are ESD protected and can be directly connected to the logic outputs of a
microcontroller; a series resistor is generally not recommended, as it could help inducted
noise to disturb the inputs.
Figure 10.
Logic input internal structure
DIAG-EN pin has the same input structure with the exception that the drain of the
overcurrent and MOSFET thermal protection is also connected to this pin. Due to this
connection, this pin has to be driven very carefully. The EN input may be driven in one of two
configurations as shown in Figure 11 or Figure 12. If driven by an open-drain (collector)
structure, a pull-up resistor REN and a capacitor CEN are connected as shown in Figure 11.
If the driver is a standard push-pull structure the resistor REN and the capacitor CEN are
connected as shown in Figure 12. The resistor REN should be chosen in the range from 2.2
k
Ω to 180 kΩ. Recommended values for REN and CEN are respectively 10 kΩ and 5.6 nF.
More information on selecting the values is found in Section 2.10.
5V
ESD
PROTECTION
AM16572v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com