Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4243 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4243
Description  The L6230 DMOS driver for three-phase brushless DC motor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4243 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4243 Datasheet HTML 14Page - STMicroelectronics AN4243 Datasheet HTML 15Page - STMicroelectronics AN4243 Datasheet HTML 16Page - STMicroelectronics AN4243 Datasheet HTML 17Page - STMicroelectronics AN4243 Datasheet HTML 18Page - STMicroelectronics AN4243 Datasheet HTML 19Page - STMicroelectronics AN4243 Datasheet HTML 20Page - STMicroelectronics AN4243 Datasheet HTML 21Page - STMicroelectronics AN4243 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Designing an application with the L6230
AN4243
18/29
Doc ID 024199 Rev 1
The external RC network, CEN in particular, must be chosen obtaining a reasonable fast
OCD intervention (short tDELAY) and a safe disable time (long tDISABLE).
Figure 15 shows both tDISABLE and tDELAY as a function of CEN: at least 100µs for tDISABLE
are recommended, keeping the delay time about 1 to 2µs at the same time.
Figure 15.
Typical disable time vs. CEN (on varying REN)
Figure 16.
Typical delay time vs. CEN
The internal open-drain can also be turned on if the device experiences an overtemperature
(OVT) condition. The OVT causes the device to shut down when the die temperature
exceeds the OVT threshold (TJ > 165 °C typ.). Since the OVT is also connected directly to
the gate drive circuit (see Figure 1), all the power DMOS shut down, even if DIAG-EN pin
voltage is still over Vth(OFF). When the junction temperature falls below the OVT turn-off
threshold (150 °C typ.), the open-drain turns off, CEN is recharged up to VTH(ON) and then
the power DMOS are turned back on.
2.11
Thermal management
In most applications, the power dissipation in the IC is the main factor that sets the
maximum current that can be delivered by the device in a safe operating condition.
Therefore, it has to be taken into account very carefully. Besides, the available space on the
1
1 0
100
1
10
10 0
1 .10
3
C EN [n F ]
R EN = 2 2 0
Ω k
R EN = 1 0 0
Ω k
R EN = 47
Ω k
R EN = 33
Ω k
R EN = 10
Ω k
AM16577v1
11 0
1 0 0
0. 1
1
10
C EN [n F ]
AM16578v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com