Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4460 Datasheet(PDF) 52 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 46Page - STMicroelectronics AN4460 Datasheet HTML 47Page - STMicroelectronics AN4460 Datasheet HTML 48Page - STMicroelectronics AN4460 Datasheet HTML 49Page - STMicroelectronics AN4460 Datasheet HTML 50Page - STMicroelectronics AN4460 Datasheet HTML 51Page - STMicroelectronics AN4460 Datasheet HTML 52Page - STMicroelectronics AN4460 Datasheet HTML 53Page - STMicroelectronics AN4460 Datasheet HTML 54Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
Bill of material
AN4460
52/54
DocID026129 Rev 1
57
8
R26, R27, R28, R29, R48, R49,
R50, R51
1.8
R2512
1 W 1%
58
4
R30, R31, R52, R53
N.M.
RESC-0805
Not mounted
59
6
R36, R37, R58, R59, R70, R76
1.2 K
RESC-0603
60
4
R38, R39, R60, R61
5.1 K
RESC-0603
61
1
R62
10
R700DIAM100
1 W
62
1
R63
18 K
RESC-0805
63
2
R64, R66
10 K
RESC-0805
64
1
R65
2.7 K
RESC-0805
65
2
R71, R74
100 K
RESC-0603
Not mounted
66
1
U1
STMLUX38
TSSOP38
67
2
U2, U3
PM8834
SOI8
68
5
U4, U5, U6, U7, U10
LMV321ILT
SOT23-5L
Not mounted
69
1
U8
ST1S14
SO8-EP-9
70
1
U9
LK112M33TR
SOT23-5L
71
1
X1
16 MHz - N.M.
X32-3_2x2_5-MEC
Not mounted
Table 7. Bill of material (continued)
Item
Quantity
References
Part value
Package and
supplier code
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com