Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4460 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 37Page - STMicroelectronics AN4460 Datasheet HTML 38Page - STMicroelectronics AN4460 Datasheet HTML 39Page - STMicroelectronics AN4460 Datasheet HTML 40Page - STMicroelectronics AN4460 Datasheet HTML 41Page - STMicroelectronics AN4460 Datasheet HTML 42Page - STMicroelectronics AN4460 Datasheet HTML 43Page - STMicroelectronics AN4460 Datasheet HTML 44Page - STMicroelectronics AN4460 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 54 page
background image
DocID026129 Rev 1
41/54
AN4460
Measurements
54
8.3
Current regulation on input voltage
From Figure 20 to Figure 22 show the current regulation in relation to the input power
voltage. The plots report the current on the “y” axis and the voltage on the “x” axis. The input
power voltage in every figure is the effective voltage range only for the number of LEDs
selected.
Figure 20. Current regulation vs. VPW_LED: 3 LEDs
Figure 21. Current regulation vs. VPW_LED: 6 LEDs
0.000
0.200
0.400
0.600
0.800
1.000
1.200
13V
16V
20V
24V
28V
32V
36V
40V
44V
48V
1.065A
738mA
492mA
329mA
254mA
AM16720v1
0
0.2
0.4
0.6
0.8
1
1.2
12V
16V
20V
24V
28V
32V
36V
40V
44V
48V
1.065A
738mA
492mA
329mA
254mA
AM16721v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com