Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4460 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 24Page - STMicroelectronics AN4460 Datasheet HTML 25Page - STMicroelectronics AN4460 Datasheet HTML 26Page - STMicroelectronics AN4460 Datasheet HTML 27Page - STMicroelectronics AN4460 Datasheet HTML 28Page - STMicroelectronics AN4460 Datasheet HTML 29Page - STMicroelectronics AN4460 Datasheet HTML 30Page - STMicroelectronics AN4460 Datasheet HTML 31Page - STMicroelectronics AN4460 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 54 page
background image
User interface
AN4460
28/54
DocID026129 Rev 1
7
User interface
7.1
Control buttons
The STEVAL-ILL057V1 demonstration board features three buttons, used to manually
change the dimming duty cycle. The buttons can be configured to operate in two different
ways and their behavior is controlled via the “ed” command. Holding a button causes its
action to continue.
Single channel dimming: when the “ed” command is OFF (“ed 0"), the buttons behave as
follows:
“LED CH SEL”: selects a channel. The new selected channel blinks once.
“INC”: increases the dimming duty cycle on the selected channel.
“DEC”: decreases the dimming duty cycle on the selected channel.
Multichannel dimming: when the “ed” command is ON (“ed 1"):
The button “LED CH SEL” is not used.
The button “INC” increases the dimming duty cycle on all channels.
The button “DEC” decreases the dimming duty cycle on all channels.
The three buttons are read by the ADC channel line 7.
7.2
Status LEDs
There are two status LEDs attached to the board:
Green LED (status): the green LED is active when the input power is correct and the
STLUX385A is running. The LED can also act as a firmware performance monitor and
show the CPU usage. The performance mode is enabled by the “vi” instruction (see
Section 7.3) and the LED toggles as follows:
–
LED ON: CPU running
–
LED OFF: CPU sleeping
Red LED (failure): the red LED is used to report an error or the intervention of
a protection to preserve the hardware. Once the red LED is ON, the only way to clear is
to use the “co” command (see Section 7.3).
7.3
Serial interface
This section describes the terminal interface line available on the STLUX385A firmware.
The serial line allows the configuration of the:
Working point of the LED channel
Current level
LED numbers
Dimming percentage
It also allows the device internal status to be inquired.
The STLUX385A command line interface is accessible via a standard terminal utility
installed on the user's PC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com