Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4460 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 35Page - STMicroelectronics AN4460 Datasheet HTML 36Page - STMicroelectronics AN4460 Datasheet HTML 37Page - STMicroelectronics AN4460 Datasheet HTML 38Page - STMicroelectronics AN4460 Datasheet HTML 39Page - STMicroelectronics AN4460 Datasheet HTML 40Page - STMicroelectronics AN4460 Datasheet HTML 41Page - STMicroelectronics AN4460 Datasheet HTML 42Page - STMicroelectronics AN4460 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
DocID026129 Rev 1
39/54
AN4460
Measurements
54
8.2
Efficiency according to different current setup
Table 4 shows the efficiency reached based on different number of LEDs. All 4 channels are
using the same current. The measure reports the minimum, average and maximum
efficiency for a configured fixed current on all input power voltage range. The current is
calculated based on Table 1 on page 14.
The plots use “y” axis representing the efficiency, expressed as a percentage.
The board configuration is with the LED always ON (“ll x 256" and, if “ed” is enabled, “di
100").
The best efficiency value measure is 98%. Since the board is designed to be “generic” and
supports a wide range of configurations (LED numbers, power voltage range, etc.) the
efficiency reaches 85% in some cases.
The input board power when the PWM outputs are disabled (the LED strings are OFF) is
~300 mW at 12 V and ~600 mW at 48 V.
Figure 17. String efficiency based on different current levels - 3 LEDs for each string
Table 4. Efficiency according to different current when the input voltage changes
Plot
index
Average current
Efficiency
3 LEDs
6 LEDs
10 LEDs
Min. Mean
Max.
Min.
Mean
Max.
Min. Mean Max.
1
245 mA (lc x 0)
92.8
93.4
94.5
92.5
94.2
95.8
96.0
97.3
98.5
2
329 mA (lc x 1)
92.1
92.6
94.1
93.7
95.0
96.5
95.5
96.0
96.5
3
492 mA (lc x 3)
91.1
91.6
92.1
94.4
95.1
96.1
95.9
96.0
96.2
4
738 mA (lc x 6)
89.2
89.5
89.9
94.1
94.8
95.2
95.3
95.4
95.5
5
1.065A (lc x 10)
84.9
85.1
85.4
92.3
92.8
93.1
93.4
93.9
94.1
82.0
84.0
86.0
88.0
90.0
92.0
94.0
96.0
12345
3 LED max.
3 LED mean
3 LED min.
AM16717v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com