Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4460 Datasheet(PDF) 45 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 41Page - STMicroelectronics AN4460 Datasheet HTML 42Page - STMicroelectronics AN4460 Datasheet HTML 43Page - STMicroelectronics AN4460 Datasheet HTML 44Page - STMicroelectronics AN4460 Datasheet HTML 45Page - STMicroelectronics AN4460 Datasheet HTML 46Page - STMicroelectronics AN4460 Datasheet HTML 47Page - STMicroelectronics AN4460 Datasheet HTML 48Page - STMicroelectronics AN4460 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
DocID026129 Rev 1
45/54
AN4460
Pinout
54
9
Pinout
Table 6 describes the STLUX385A pinout and the associated function.
Table 6. STLUX385A pinout
Pin
Dir.
Function
Note
1
OUT
PWM[0]
PWM - LED chain 0
2
OUT/IN
DIGIN[0]/CCO_clk
Internal clock check output – (option)
3
IN
DIGIN[1]
DIG1
4
OUT
PWM[1]
PWM - LED chain 1
5
OUT
PWM[2]
PWM - LED chain 2
6
IN
DIGIN[2]
DIG0
7
IN
DIGIN[3]
DIG3
8
OUT
PWM[5]
Output to R/C – voltage reference on CPM3 (LED0) – (optional)
9
I/O
SWIM
Debug interfaces
10
I/O
RESETn
To reset key and debug I/F
11
PS
VDD
Power to 3.3 V or 5 V
12
PS
VSS
Digital GND
13
PS
VOUT
Filter capacitance for 1.8 V internal voltage
14
OUT
LED (red)
Fault signaling or DALI TX line
15
OUT
LED (green)
Normal signaling (blink) or DALI RX line
16
OUT
PWM[4]
Option – PWM for the DC-DC converter
17
IN
DIGIN[4]
DIG2
18
IN
DIGIN[5]
Not used or DALI key input (option)
19
OUT
PWM[3]
PWM - LED chain 3
20
OSC_out
External oscillator or FW trigger used to debug application
21
OSC_in
External oscillator or FW trigger used to debug application
22
OUT
UART TX
Serial TX line
23
IN
UART RX
Serial RX line
24
A-IN
CPP3
Compare 3 – LED chain 0
25
A-IN
CPP2
Compare 2 – LED chain 1
26
A-IN
CPM3
Connect to PWM[5] – chain 0 current (5 mA/step) – (option)
27
A-IN
CPP1
Compare 1 – LED chain 3
28
A-IN
CPP0
Compare 0 – LED chain 2
29
PS
VDDA
Analog power supply
30
PS
VSSA
Analog ground
31
A-IN
ADCIN[7]
Key input – voltage depends whether key is pressed or not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com