Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4460 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 29Page - STMicroelectronics AN4460 Datasheet HTML 30Page - STMicroelectronics AN4460 Datasheet HTML 31Page - STMicroelectronics AN4460 Datasheet HTML 32Page - STMicroelectronics AN4460 Datasheet HTML 33Page - STMicroelectronics AN4460 Datasheet HTML 34Page - STMicroelectronics AN4460 Datasheet HTML 35Page - STMicroelectronics AN4460 Datasheet HTML 36Page - STMicroelectronics AN4460 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
DocID026129 Rev 1
33/54
AN4460
User interface
54
Figure 12. “pw” command
It reports the channel status (ON or OFF) and the TIM_Cnt counters for states S0, S1 and
S2, frozen at the moment when the command is invoked. The counters in S0, S1 and S2 are
based on the 964 MHz clock unit. The command also reports the dimming period (“D = 32").
In this case, the value is the dimming period and starts from 1 (0.4%) and ends to 256
(100%).
7.4.8
vp - set VLED_PW simulated voltage
The command is used during the voltage compensation simulation phase (“au ch 1") to
change the simulated voltage read from the VLED_PW ADC pin. This command is enabled
only when the adaptive voltage compensation is disabled (“au ch 0" command).
Syntax: vp [ch] [voltage]
Parameters:
ch [0-3]: channel number
the parameter represents the new simulated voltage value, expressed as (real voltage /
0.05437489)
Output: none
Example: “vp 0 590": simulates the power voltage at 32.08 volt.
7.4.9
vc - set VCOMx simulated voltage
The command is used during the voltage compensation simulation phase (“au ch 1") to
change the simulated voltage read from the VCOMx ADC pin. This command is enabled only
when the adaptive voltage compensation is disabled (“au ch 0" command).
Syntax: vc [ch] [voltage]
Parameters:
ch [0-3]: channel number
voltage [0-1023]: same as the “vp” command
Output: none
7.4.10
wi - CPU load monitor and low power mode
The command enables the CPU load monitor where the CPU load can be observed via the
green LED on the demonstration board. The command also enables the STLUX385A low
power mode by using the WFI (wait for interrupt) instruction when idle. The “wi” command is
used to reduce the power consumption of the STLUX385A.
7.4.11
dm - dump memory
It displays the memory content of a specific area of memory.
Syntax: dm [add] [len]
AM16712v1
Led ch=0 on S0=156 S1=276 S2=939 D=32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com