Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4460 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 33Page - STMicroelectronics AN4460 Datasheet HTML 34Page - STMicroelectronics AN4460 Datasheet HTML 35Page - STMicroelectronics AN4460 Datasheet HTML 36Page - STMicroelectronics AN4460 Datasheet HTML 37Page - STMicroelectronics AN4460 Datasheet HTML 38Page - STMicroelectronics AN4460 Datasheet HTML 39Page - STMicroelectronics AN4460 Datasheet HTML 40Page - STMicroelectronics AN4460 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
DocID026129 Rev 1
37/54
AN4460
Measurements
54
8
Measurements
This section reports several measurement results validating the STEVAL-ILL057V1
demonstration board performance.
8.1
Output current precision for different current setup
Figure 14 shows the current flow through the LEDs, measured with a current probe on all
four channels. The operating current of all channels is the point 0 in Table 1 on page 14
(245 mA mean). Note the channel has delayed startup point and the current precision on all
channels displayed. R1 is channel zero, R2 is channel two, R3 is channel three and 3 is
channel four. The dimming periods, same for all channels, is ~5 ms (193 Hz).
Figure 14. Current regulation - 4 channels at 245 mA
Figure 15 represents the different current regulation on the same channel and at the same
dimming level. The current has changed using the “lc” command using, as second
parameter, the index of the expected current. The vertical grid resolution is 100 mA/div. See
Table 1 on page 14 for the index and current relation.
AM16714v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com