Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4460 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 21Page - STMicroelectronics AN4460 Datasheet HTML 22Page - STMicroelectronics AN4460 Datasheet HTML 23Page - STMicroelectronics AN4460 Datasheet HTML 24Page - STMicroelectronics AN4460 Datasheet HTML 25Page - STMicroelectronics AN4460 Datasheet HTML 26Page - STMicroelectronics AN4460 Datasheet HTML 27Page - STMicroelectronics AN4460 Datasheet HTML 28Page - STMicroelectronics AN4460 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
DocID026129 Rev 1
25/54
AN4460
Protection and regulation algorithm
54
6
Protection and regulation algorithm
This section describes the protection and regulation algorithms implemented in the
STLUX385A. Every channel is independent from the others and the same logic applies to all
channels.
The STLUX385A implements software and hardware protections aimed to preserve the
external hardware in case of abnormal events or variations. The STLUX385A doesn't need
external active analog circuitry on the board as the firmware replaces them. Once an error is
recognized, the FW stores the error code and keeps sensing the system to verify that the
problem has been fixed. The error code can be verified typing the “st” command (see
Section 7.4.6 on page 32). Protections can be summarized according to different priority
levels.
6.1
Overcurrent protection
The overcurrent protection (OCP), which preserves the external circuit from damage due to
a component fault, is the most important protection and requires a short detection and
reaction time. The STLUX385A implements OCP directly in the SMED hardware (through
states S1 and S2) and doesn't require any high priority firmware intervention.The internal
SMED clock guarantees a detection time of ~10 ns (Fck_smed = 96 MHz) however the
external circuit response time pushes the overall detection time to 200 ns. When an OCP is
detected, the SMED stops its PWM output and generates an interrupt. The firmware can
then execute the recovery procedure by periodically restarting the PWM line.
6.2
Initial estimation
During the startup phase, the input power voltage is monitored by the Set_check_V()
routine. This routine reads the power voltage (on ADC channel zero) and stores it into the
global variable Vpwr[]. The voltage read back is stored into all channel locations (0 to 3).
The routine Set_check_V() estimates the voltage drop generated by the LEDs by using the
number of LEDs as specified by the user and the maximum and minimum predefined LED
voltage drops. The following formula is used:
Equation 11
where x is the LED channel. The estimated voltage drop is used for the initial calculation of
the TOFF and TON values.
6.3
Adaptive voltage compensation
The adaptive compensation is a technique that monitors the system and changes the
operational parameters to guarantee that the configured average current always flows
through the LED. As the average current depends on the TON and TOFF values, the
STLUX385A recalculates the values at the beginning of every dimming ON cycles. The
adaptive compensation is activated with the serial command “au x 1".
wk_Volt x
.Min_vl wk_Volt x
.Max_vl
+
2
-------------------------------------------------------------------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com