Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4460 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN4460
Description  The STEVAL-ILL057V1 demonstration board is a complete
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4460 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN4460 Datasheet HTML 31Page - STMicroelectronics AN4460 Datasheet HTML 32Page - STMicroelectronics AN4460 Datasheet HTML 33Page - STMicroelectronics AN4460 Datasheet HTML 34Page - STMicroelectronics AN4460 Datasheet HTML 35Page - STMicroelectronics AN4460 Datasheet HTML 36Page - STMicroelectronics AN4460 Datasheet HTML 37Page - STMicroelectronics AN4460 Datasheet HTML 38Page - STMicroelectronics AN4460 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
DocID026129 Rev 1
35/54
AN4460
User interface
54
7.4.15
di - set global dimming value
It sets the dimming of the LED strings to be used when the board is operating in global
dimming mode (“ed 1"). At power-on the “di” value applied is 100 (equal to 100%) after
a ramp-up period only if “ed” command is enabled.
Syntax: di [value]
Parameters:
value [0,100]: the percentage of the value configured with the “ll” command. The global
dimming is applied to all channels.
Output: none
Example: “ll 0 220", “di 50". Channel 0 is dimmed at 220 at 50% = 110. All other channels
are dimmed at 50% of the their current dimming value.
7.4.16
ti - read time counter
It retrieves the time since the last power-up or reset.
Syntax: ti
Parameters: none
Figure 13. Console screen for “ti” command
Output: the time counter, in hexadecimal.
The output is composed of two parts, separated by the comma sign. The first part shows the
number of seconds elapsed since power-on or reset. The second part is the tick: a number
from 0 to 191 (in hex: 0x00 to 0xBF) that represents the number of dimming period elapsed.
One dimming period is exactly 5.1813 ms (193 Hz).
7.4.17
co - clear error
It clears any system error. This command clears (“off”) the error code, removes the OCP flag
monitored by the “st” command and switches OFF the fault LED. The command does not
clear the error counter tracked by the “st” command. The fault LED may remain switched
ON after the “co” command if the cause of error has not been removed.
Syntax: co
Parameters: none
7.4.18
hl - command help
It visualizes a brief description of the command selected.
Syntax: hl [command]
Parameters:
command: a terminal command
Output: the description of the command selected.
AM16713v1
Time is 0x00000098: 7d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com