Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1099 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1099
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1099 Datasheet(HTML) 1 Page - Linear Technology

  LTC1099 Datasheet HTML 1Page - Linear Technology LTC1099 Datasheet HTML 2Page - Linear Technology LTC1099 Datasheet HTML 3Page - Linear Technology LTC1099 Datasheet HTML 4Page - Linear Technology LTC1099 Datasheet HTML 5Page - Linear Technology LTC1099 Datasheet HTML 6Page - Linear Technology LTC1099 Datasheet HTML 7Page - Linear Technology LTC1099 Datasheet HTML 8Page - Linear Technology LTC1099 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1099
1
DESCRIPTIO
FEATURES
The LTC
®1099 is a high speed microprocessor compatible
8-bit analog-to-digital converter (A/D). An internal sample-
and-hold (S/H) allows the A/D to convert inputs up to the
full Nyquist limit. With a conversion rate of 2.5
µs, this
allows 156kHz 5VP-P input signals or slew rates as high as
2.5V/
µs, to be digitized without the need for an external
S/H.
Two modes of operation, Read (RD) mode and Write-Read
(WR-RD) mode, allow easy interface with processors. All
timing is internal and edge sensitive which eliminates the
need for external pulse shaping circuits. The Stand-Alone
(SA) mode is convenient for those applications not involv-
ing a processor.
Data outputs are latched with three-state control to allow
easy interface to a processor data bus or I/O port. An
overflow output (OFL) is provided to allow cascading for
higher resolution.
s
Resolution: 8-Bits
s
Conversion Time: 2.5
µs (RD Mode)
2.5
µs (WR/RD Mode)
s
Slew Rate Limit (Internal S/H): 2.5V/
µs
s
Low Power: 75mW Max
s
Total Unadjusted Error
LTC1099:
±1 LSB
LTC1099A:
±0.75 LSB
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Built-In Sample-and-Hold
s
No Missing Codes
s
No User Trims Required
s
All Timing Inputs Edge Sensitive for Easy Processor
Interface
s
Fast Conversion Time: 2.5
µs
s
Latched Three-State Outputs
s
Single 5V Operation
s
No External Clock
s
Overflow Output Allows Cascading
s
TC Input Allows User Adjustable Conversion Time
s
0.3" Wide 20-Pin PDIP
High Speed 8-Bit A/D
Converter with Built-In
Sample-and-Hold
INPUT FREQUENCY (kHz)
1
–36
–38
–40
–42
–44
–46
–48
–50
–52
10
100
1099 G08
TA = 25°C
TC = 2.5µs
Infinite Hold Time Sample-and-Hold (TACQ = 240ns)
Signal-to-Noise Ratio (SNR) vs Input Frequency
KEY SPECIFICATIO S
TYPICAL APPLICATION
17
16
15
14
5
4
3
2
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
B1
B2
B3
B4
B5
B6
B7
B8
LTC1099
1
2
3
4
5
6
7
8
REF +
REF
V +
V
IO
IO
+
SAMPLE
HOLD
VIN
VIN
MODE
WR/RDY
RD
CS
GND
REF
VCC
REF+
7
1
6
8
13
10
15
17
14
18
19
3
2
7
6
4
11
12
20
20
10k
10k
2.5k
15V
–15V
5V
VOUT
LT1022
AM6012
1099 TA01


Similar Part No. - LTC1099

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Linear Integrated Syste...
LTC1099 LINEAR-LTC1099 Datasheet
185Kb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Linear Technology
LTC1099A LINER-LTC1099A Datasheet
1Mb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
LTC1099AC LINER-LTC1099AC Datasheet
1Mb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
LTC1099ACJ LINER-LTC1099ACJ Datasheet
1Mb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
More results

Similar Description - LTC1099

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
logo
Linear Technology
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
10-Bit, High Speed, A/D Converter with Track and Hold
December 1997
HI-7152 INTERSIL-HI-7152 Datasheet
829Kb / 16P
10-Bit High Speed A/D Converter with Track and Hold
January 1998
logo
Linear Integrated Syste...
LTC1099CSW LINEAR-LTC1099CSW Datasheet
185Kb / 16P
High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321_14 Datasheet
983Kb / 27P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321_15 Datasheet
985Kb / 26P
10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com