Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1099 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1099
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1099 Datasheet(HTML) 2 Page - Linear Technology

  LTC1099 Datasheet HTML 1Page - Linear Technology LTC1099 Datasheet HTML 2Page - Linear Technology LTC1099 Datasheet HTML 3Page - Linear Technology LTC1099 Datasheet HTML 4Page - Linear Technology LTC1099 Datasheet HTML 5Page - Linear Technology LTC1099 Datasheet HTML 6Page - Linear Technology LTC1099 Datasheet HTML 7Page - Linear Technology LTC1099 Datasheet HTML 8Page - Linear Technology LTC1099 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1099
2
CONVERTER CHARACTERISTICS
Supply Voltage (VCC) to GND Voltage ...................... 12V
Analog and Reference Inputs... – 0.3V to (VCC + 0.3V)
Digital Inputs .........................................– 0.3V to 12V
Digital Outputs ........................ – 0.3V to (VCC + 0.3V)
Power Dissipation .............................................. 500mW
ORDER PART
NUMBER
LTC1099CN
LTC1099ACN
LTC1099AIN
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Notes 1, 2)
VIN
DB0
DB1
DB2
DB3
WR/RDY
MODE
RD
INT
GND
1
2
3
4
5
6
7
8
9
10
TOP VIEW
SW PACKAGE
20-LEAD PLASTIC SO
20
19
18
17
16
15
14
13
12
11
VCC
TC
OFL
DB7
DB6
DB5
DB4
CS
REF+
REF
TJMAX = 150°C, θJA = 100°C/W
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 130°C/W
Operating Temperature Range
LTC1099C/LTC1099AC ............................ 0
°C to 70°C
LTC1099I/LTC1099AI ..........................–40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, REF+ = 5V, REF= 0V and TA = TMIN to TMAX unless otherwise
noted.
LTC1099CSW
1
2
3
4
5
6
7
8
9
10
TOP VIEW
N PACKAGE
20-LEAD PDIP
20
19
18
17
16
15
14
13
12
11
VIN
DB0
DB1
DB2
DB3
WR/RDY
MODE
RD
INT
GND
VCC
TC
OFL
DB7
DB6
DB5
DB4
CS
REF+
REF
LTC1099AI/LTC1099I
LTC1099AC/LTC1099C
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Accuracy
Total Unadjusted Error
(Note 3)
LTC1099A
q
±0.75
±0.75
LSB
LTC1099
q
±1
±1
LSB
Minimum Resolution (No Missing Codes)
q
8
8
Bits
Reference Input
Input Resistance
q
1
3.2
6
2
3.2
4.5
k
REF+ Input Voltage Range
(Note 4)
q
REF
VCC
REF
VCC
V
REFInput Voltage Range
(Note 4)
q
GND
REF+
GND
REF+
V
Analog Input
Input Voltage Range
q
GND
VCC
GND
VCC
V
Input Leakage Current
CS = VCC, VIN = VCC, GND
q
±3
±3
µA
Input Capacitance
60
60
pF
Sample-and-Hold
Acquisition Time
240
240
ns
Aperture Time
110
110
ns
Tracking Rate
2.5
2.5
V/
µs
Consult factory for parts specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com