Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1099 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1099
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1099 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1099 Datasheet HTML 8Page - Linear Technology LTC1099 Datasheet HTML 9Page - Linear Technology LTC1099 Datasheet HTML 10Page - Linear Technology LTC1099 Datasheet HTML 11Page - Linear Technology LTC1099 Datasheet HTML 12Page - Linear Technology LTC1099 Datasheet HTML 13Page - Linear Technology LTC1099 Datasheet HTML 14Page - Linear Technology LTC1099 Datasheet HTML 15Page - Linear Technology LTC1099 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC1099
16
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900q FAX:(408)434-0507 q www.linear-tech.com
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1274/LTC1277
12-Bit, 100ksps Parallel/2-Byte ADC
5V or
± 5V, 10mW with 1µA Shutdown
LTC1279
12-Bit, 600ksps Parallel ADC
5V, 60mW, 70dB SINAD
LTC1406
8-Bit, 20Msps Parallel ADC
5V, 150mW, 48.5dB SINAD
LTC1409
12-Bit, 800ksps Parallel ADC
±5V, 80mW, 72.5dB SINAD
LTC1419
14-Bit, 800ksps Parallel ADC
±5V, 150mW, 81.5dB SINAD
CS
WR
RD
B0
B1
B2
B3
B4
B5
B6
B7
B8
OFL
CS
WR/RDY
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
OFL
µP
BUS
RD
13
8
2
3
4
5
14
15
16
17
18
6
CS
WR/RDY
DB0
DB1
DB2
DB3
DB4
DB5
DB6
DB7
OFL
VCC
VIN
MODE
VREF+
VREF–
GND
RD
13
8
2
3
4
5
14
15
16
17
18
20
1
7
12
11
10
6
5V
VIN
5V
5V
VCC
VIN
MODE
VREF+
VREF–
GND
20
1
7
12
11
10
5V
5V
LTC1099
LTC1099
1k
5k
1k
4.7
µF
4.7
µF
4.7
µF
1099 TA02
Cascading for 9-Bit Resolution
TYPICAL APPLICATIO S
©LINEAR TECHNOLOGY CORPORATION 1989
sn1099 1099fas LT/TP 1100 2K REV A • PRINTED IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com