Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1099 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC1099
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1099 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC1099 Datasheet HTML 8Page - Linear Technology LTC1099 Datasheet HTML 9Page - Linear Technology LTC1099 Datasheet HTML 10Page - Linear Technology LTC1099 Datasheet HTML 11Page - Linear Technology LTC1099 Datasheet HTML 12Page - Linear Technology LTC1099 Datasheet HTML 13Page - Linear Technology LTC1099 Datasheet HTML 14Page - Linear Technology LTC1099 Datasheet HTML 15Page - Linear Technology LTC1099 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC1099
14
TYPICAL APPLICATIONS
0001 0032
AORG
>32
0002 0032 CE01
DINT
Disable Interrupts
0003 0033 C800
LDPK
>0
Data Page Pointer Is 0
0004 0034 E064 LOOP OUT >64.PAO Start LTC1099 Conversion
0005 0035 CB20
RPTK
>12
Wait for Conversion to Finish
0006 0036 5500
NOP
0007 0037 8064
IN
>64.PAO Read LTC1099 Data; Store in >64
0008 0038 FF80
B
LOOP Do Again
TMS320C25 Assembly Code for WR/RD Mode Interface to
LTC1099
TMS320C25 Interface Using WR/RD Mode
VIN
DB0
DB1
DB2
DB3
WR/RDY
MODE
RD
INT
GND
VCC
TC
OFL
DB7
DB6
DB5
DB4
CS
REF+
REF
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
IN1
IN1
OUT1
IN2
1N2
OUT2
GND
VCC
IN4
IN4
OUT4
IN3
IN3
OUT3
5V
C1
C2
C3
C4
LTC1099
+
+
C6
C7
+
5V
C8
0.1
µF
5V
5V
5V
5V
(B8)
(C10)
(H10)
(H11)
READY
MSC
STRB
R/ W
VSS
VCC
TMS320C25
(A10, B11, H2, L6)
(K1)
(K2)
(L3)
(J11)
(K3)
(F1)
(E2)
(E1)
(D2)
ANALOG
INPUT
VOLTAGE
1099 TA04
C1, C3, C6 = 4.7
µF TANTALUM
C2, C4, C5, C7, C8 = 0.1
µF CERAMIC
74F00
A0
A1
A2
IS
A3
D0
D1
D2
D3
74F138
C5
0.1
µF
D7(B2)
D6(C1)
D5(C2)
D4(D1)
A
B
C
G2A
G2B
G1
Y7
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com