Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1099 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1099
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1099 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1099 Datasheet HTML 8Page - Linear Technology LTC1099 Datasheet HTML 9Page - Linear Technology LTC1099 Datasheet HTML 10Page - Linear Technology LTC1099 Datasheet HTML 11Page - Linear Technology LTC1099 Datasheet HTML 12Page - Linear Technology LTC1099 Datasheet HTML 13Page - Linear Technology LTC1099 Datasheet HTML 14Page - Linear Technology LTC1099 Datasheet HTML 15Page - Linear Technology LTC1099 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC1099
12
0
–70
32.5
34.5
36.5
38.5
40.5
42.5
44.5
46.5
48.5
50.5
52.5
37500Hz
42500Hz
47500Hz
1099 F11
0
–70
5
152535
45
5565
7585
95
105
30875Hz
11500Hz
42375Hz
73250Hz
1099 F12
Figure 11. Two Quadrant Multiplier Output Spectrum with 0V to
4.5V at 42.5kHz into LTC1099 and
±2V at 5kHz into DAC
Figure 12. Two Quadrant Multiplier Output Spectrum with 0V to
4.5V at 42.375kHz into LTC1099 and
±2V at 30.875kHz into DAC
ANALOG INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com